PART |
Description |
Maker |
LTC2192CUKGPBF LTC6421-20 LTC2259-14 LTC2190CUKGPB |
16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
|
Linear Technology http://
|
LTC2142-12-15 LTC2141-12-15 |
12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
|
Linear Technology
|
LTC2140-14 LTC2140-12 LTC2141-14 LTC2142-14 LTC557 |
12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs 2-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 9 X 9 MM, LEAD FREE, PLASTIC, MO-220WNJR-5, QFN-64
|
Linear Technology, Corp.
|
LTC2288IUPPBF LTC2286IUPTRPBF LTC2286IUPPBF LTC228 |
Dual 10-Bit, 65Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 40Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
LTC1415 LTC1415CSW LTC1415CG LTC1415IG LTC1415ISW |
From old datasheet system 12-Bit/ 1.25Msps/ 55mW Sampling A/D Converter 12-Bit, 1.25Msps, 55mW Sampling A/D Converter
|
LINER[Linear Technology]
|
LTC1850CFW LTC1851CFW LTC1850 LTC1850IFW LTC1851IF |
8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs 8-Channel 10-Bit/12-Bit 1.25Msps Sampling ADCs
|
LINER[Linear Technology]
|
MAX12553 MAX12553ETL |
14-Bit, 65Msps, 3.3V ADC
|
Maxim Integrated Products
|
LTC2246CUH LTC2248CUH LTC2247CUH |
14-Bit, 65/40/25Msps Low Power 3V ADCs
|
Linear Technology
|
LTC1746CFW LTC1746IFW |
Low Power,14-Bit, 25Msps ADC
|
Linear Technology
|
LTC2236CUH LTC2236IUH |
10-Bit, 65/40/25Msps Low Noise 3V ADCs
|
Linear Technology
|
MAX1211 |
40Msps / 12-Bit ADC
|
Maxim
|
|